Part Number Hot Search : 
LA2351M 2N4112 54ACT CSD313F LT1000 C1061 LM358P P0300SB
Product Description
Full Text Search
 

To Download MC68VZ328 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MC68VZ328p/d rev. 0 , 10/1999 this document contains information on a new product. specifications and information herein are subject to change without notice. semiconductor products sector ? motorola, inc., 1999. all rights reserved. MC68VZ328 MC68VZ328 dragonball? vz integrated portable system processor product brief the MC68VZ328 (dragonball vz) microprocessor, the third generation of the dragonball ? family of products, is designed to save time, power, and cost in the design and operation of new products. dragonball vz requires less board space and allows for reduced pin count and fewer programming steps in designing your product. the major differences between previous versions of dragonball processors and the new vz product are system-speed improvement and sdram support. all these features combine to make the MC68VZ328 the microprocessor of choice among many system designers. its functionality and glue logic are all optimally connected, timed with the same clock, fully tested, and uniformly documented. also, only the essential signals are brought out to the pins. the MC68VZ328?s primary package consists of tqfp and mbga, designed to occupy the smallest possible footprint on your board. although the dragonball vz is the integrated processor of choice for some of the most popular pda designs, it can be used in a wide variety of applications including exercise monitors, navigation systems, and smart phones. figure 1 on page 2 shows a simplified block diagram of the MC68VZ328.
2 MC68VZ328 dragonball ? vz product brief  figure 1. MC68VZ328 simplified block diagram flx68000 static core uart system integration module interrupt controller processor control, clock synthesizer and power control 68000 internal bus 8-/16-bit 68000 bus interface real-time pf0/lcontrast pc7/lacd pc6/lclk pc5/llp pc4/lflm pc[3:0]/ld[3:0] pe0/spitxd pe1/spirxd pe2/spiclk2 pe3/dwe /uclk pe4/rxd1 pe5txd1 pe6/rts1 pe7/cts1 pb6/tout /tin lwe /lb uwe /ub busw/dtack /pg0 extal xtal pd4/irq1 pd3/int3 pd2/int2 pd1/int1 pd0/int0 pd5/irq2 pd6/irq3 pd7/irq6 pf1/irq5 oe emulation bootstrap and emucs /pg4 reset pg3/hiz /p/d emubrk /pg5 emuirq /pg2 d[15:8] a[19:17] port a d[7:0]/pa[7:0] port f a[23:20]/pf[6:3] memory controller chip select csa0 pf7/csa1 pb0/csb0 /pb1csb1 /sdwe port b pb5/ csd1 /cas1 pb4/csd0 /cas0 pb3/csc1 /ras1 pb2/csc0 /ras0 ports c, f & k port e ports d & f port f pf2/clko pg1/a0 port g lcd ma[15:0]/a[16:1] clock master spi 16-bit timer m/s spi with fifo pk[7:4]/ld[7:4] pj0/miso pj1/mosi pj2/spiclk1 pj3/ss pj4/rxd2 pj5txd2 pj6/rts2 pj7/cts2 uart with irda1.0 pk0/spirdy/pwmo2 port j & k port e controller 16-bit timer 8/16-bit pwm voltage regulator vdd gnd lvdd pb7/pwmo1 pm0/sdclk pm1/sdce pm2/dqmh pm3/dqml pm4/sda10 pm5/dmoe port m port b pk[2:1]/uds ,lds ,rw
features  MC68VZ328 dragonball ? vz product brief 3 1.1 features the features of the dragonball vz include the following:  static flx68000 cpu ? identical to mc68ec000 microprocessor ? full compatibility with mc68000 and mc68ec000 ? 32-bit internal address bus ? static design that allows processor clock to be stopped to provide power savings ? 5.4 mips performance at 33 mhz processor clock ? external m68000 bus interface with selectable bus sizing for 8-bit and 16-bit data ports  system integration module (sim) incorporating many functions typically related to external array logic, reducing parts counts in design, with functions that include the following: ? system configuration and programmable address mapping ? glueless interface to sram, dram, sdram, eprom, and flash memory ? eight programmable chip selects with wait state generation logic ? four programmable interrupt i/os, with keyboard interrupt capability ? five general-purpose, programmable edge/level/polarity interrupt irqs ? other programmable i/o, multiplexed with peripheral functions of up to 47 parallel i/o lines ? programmable interrupt vector response for on-chip peripheral modules ? low-power mode control  synchronous dram controller ? support for cas-before-ras refresh cycles and self-refresh mode dram ? support for 8-bit / 16-bit port dram ? edo or automatic fast page mode for lcdc access ? programmable refresh rate ? support for up to two banks of dram / edo dram ? programmable column address size  76 general-purpose ports  two uart ports  two serial peripheral interface (spi) ports  two 16-bit general-purpose counters/timers ? automatic interrupt generation ? 30 ns resolution at 33 mhz system clock ? timer input/output pin  real-time clock / sampling timer ? separate power supply for the rtc ? one programmable alarm ? capability of counting up to 512 days
4 MC68VZ328 dragonball ? vz product brief  ? sampling timer with selectable frequency (4 hz, 8 hz, 16 hz, 32 hz, 64 hz, 256 hz, 512 hz, 1 khz) ? interrupt generation for digitizer sampling or keyboard debouncing  lcd controller ? software-programmable screen size (up to 640 x 480) to support single (non-split) monochrome/color stn panels ? capability of directly driving popular lcd drivers/modules from motorola, sharp, hitachi, toshiba, and numerous other manufacturers ? support for up to 16 gray levels out of 16 palettes ? utilization of system memory as display memory ? lcd contrast control using 8-bit pwm  two pulse width modulation (pwm) modules ? audio-effects support ? 16- and 8-bit resolution ? 5-byte fifo that provides more flexibility on performance ? sound and melody generation  built-in emulation function ? dedicated memory space for emulator debug monitor with chip select ? dedicated interrupt (interrupt level 7) for ice ? one address-signal comparator and one control-signal comparator, with masking to support single or multiple hardware execution ? breakpoint ? one breakpoint instruction insertion unit  boot strap mode function ? allows user to initialize system and download program/data to system memory through uart ? accepts execution command to run program stored in system memory ? provides an 8-byte-long instruction buffer for 68000 instruction storage and execution  power management ? fully static hcmos technology ? programmable clock synthesizer using 32.768 khz / 38.4 khz crystal for full frequency control ? low-power stop capabilities ? modules that can be individually shut down ? operation from dc to 33 mhz (processor clock) ? operating voltage of 2.7 ? 3.3 v ? compact 144-lead thin quad flat pack (tqfp) and map bga
dragonball series  MC68VZ328 dragonball ? vz product brief 5 1.2 dragonball series the dragonball vz marks the third generation in the dragonball series. table 1 compares the new processor with previous versions. table 1. dragonball series comparison feature dragonball dragonball ez dragonball vz cpu 68ec000 68ec000 synthesizable 68000 chip selects 16 8 8 lcd controller 4 gray levels 16 gray levels 16 gray levels lcd resolution up to 1024 * 512 up to 640 * 512 up to 640 * 480 timer 2 * 16-bit 1 * 16-bit 2 * 16-bit spi master and slave master master and config. master/slave pwm 16-bit 8-bit with fifo 16-bit, 8-bit with fifo uart uart 1 uart 1 uart 1 uart 2 rtc yes 511 day count 511 day count pcmcia 1.0 yes no no dram controller no edo/fast page dram edo/fast page dram gpio up to 78 up to 54 up to 76 boot strap mode no yes yes speed 16 mhz 16/20 mhz 33 mhz voltage 3.3 v 10% 3.3 v 10% 3.0 v 10% package 144 tqfp 100 tqfp,144 map bga 144 tqfp,144 map bga
dragonball and mfax are trademarks of motorola, inc. this document contains information on a new product. specifications and information herein are subject to change without notice. motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation consequential or incidental damages. ? typical ? parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ? typicals ? must be validated for each customer application by customer ? s technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support life, or for any other application in wh ich the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers , employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. all other tradenames, trademarks, and registered trademarks are the property of their respective owners. how to reach us: usa/europe/locations not listed : motorola literature distribution; p.o. box 5405, denver, colorado, 80217 1-303-675-2140 or 1-800-441-2447 japan : motorola japan, ltd.; sps, technical information center, 3-20-1, minami-azabu, minato-ku, tokyo 106-8573 japan. 81-3-3440-3569 asia/pacific : motorola semiconductors h.k. ltd., silicon harbour centre, 2 dai king street, tai po industrial estate, 2 tai po, n.t., hong kong. 852-26668334 customer focus center: 1-800-521-6274 mfax ? : rmfax0@email.sps.mot.com ? touchtone 1-602-244-6609 ? us & canada only 1-800-774-184 ? http://sps.motorola.com/mfax/ home page: http://motorola.com/sps motorola dragonball products home page: http://www.motorola.com/dragonball MC68VZ328p/d


▲Up To Search▲   

 
Price & Availability of MC68VZ328

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X